Part Number Hot Search : 
74AC153 CSLA2CD P4407 SOT143 50E05A TRT1FI TSH512 000MH
Product Description
Full Text Search
 

To Download LFJ102001C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? june 2011 littelfuse powr-gard products www.littelfuse.com solar-rated fuseblock datasheet 1 1 specifcations voltage ratings: 1000 vdc ampere ratings: 200 a, 400 a, 450 a flammability rating: ul94 v-0 termination type: box lug base temp rating: 130? c approvals: ul 4248-18 listed environmental: rohs compliant recommended fuses spfj solar series web resources sample requests, downloadable cad drawings and other technical information: http://www.littelfuse.com/fuseblocks for a comprehensive overview of solar market solutions, please visit: www.littelfuse.com/solar description the lfj 1000 v fuseblock is specifcally designed for the littelfuse spfj 1000 v solar fuse. it meets ul electrical characteristic requirements and is available in multiple amperages. features/benefts ? narrow width increases space savings ? box lug termination style accommodates a wide range of cable sizes ? range of amperages to match all spfj fuse options ? rohs compliant ? ul listed ordering information (1000 v) amperage order number dc interupt rating wire range standard (metric) wire type recommended torque 200 LFJ102001C 20 ka 250 kcmil - #6 (127mm 2 - 16mm 2 ) cu/al solid/stranded 31.1 n-m (275 in-lb) 400 lfj104001c 10 ka 350 kcmil - 1/0 (177mm 2 - 55mm 2 ) cu/al solid/stranded 31.1 n-m (275 in-lb) 450 lfj104501c 20 ka 500 kcmil - #4 (253mm 2 - 25mm 2 ) cu/al solid/stranded 42.4 n-m (375 in-lb) look for this logo to indicate products that are used in solar applications. visit our website www.littelfuse.com/solar for the latest updates on approvals, certifcations, codes and standards. lf ser i e s f u s eb l oc k 1000 vdc
? june 2011 littelfuse powr-gard products www.littelfuse.com solar-rated fuseblock datasheet 2 1000 v 200 a 1000 v 400 a dimensions in mm (inches) 15 5. 7 [ 6 . 13] 6 9. 9 [ 2. 75 ] 72. 4 [2. 85] 77 . 9 [3. 0 7 ] 1 9. 1 [ 0. 75 ] 5 0 . 8 [ 2. 00] ? 8. 6 th ru ? ? 1 9. 1 1 0. 2 ? 0. 3 4 t h r u ? ? 0 . 75 0. 40 [ ] 15. 9 [0. 6 3 ] 254. 0 [ 1 0 . 0 0 ] 7 6. 2 [ 3. 0 0] 84 . 4 [3. 3 2 ] 1 5. 9 [ 0. 63 ] 108 . 0 [4. 2 5 ] 14 6. 1 [5. 7 5 ] 19 . 1 [ 0 . 75] 57 . 2 [ 2 . 25] ? 8. 6 th ru ? ? 1 9. 1 1 1. 2 ? 0. 3 4 t h r u ? ? 0 . 75 0. 44 [ ] lf ser i e s f u s eb l oc k dc
? june 2011 littelfuse powr-gard products www.littelfuse.com solar-rated fuseblock datasheet 3 dimensions in mm (inches) 1000 v 450 a 298.45 [ 11.75] 110.58 [4.35] 101.60 [ 4.00 ] 123.83 [4.88] 174.63 [6.88] 25.4 0 [1. 00] 76. 2 0 [ 3.00] 15.88 [ 0.63] 7.1 t h r u 14.2 x 11.2 ? 0.28 thru 0.56 x 0.44 [ ] ? ? lf ser i e s f u s eb l oc k dc


▲Up To Search▲   

 
Price & Availability of LFJ102001C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X